Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM138 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce LM138
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button LM138_08 Datasheet HTML 14Page - STMicroelectronics LM138_08 Datasheet HTML 15Page - STMicroelectronics LM138_08 Datasheet HTML 16Page - STMicroelectronics LM138_08 Datasheet HTML 17Page - STMicroelectronics LM138_08 Datasheet HTML 18Page - STMicroelectronics LM138_08 Datasheet HTML 19Page - STMicroelectronics LM138_08 Datasheet HTML 20Page - STMicroelectronics LM138_08 Datasheet HTML 21Page - STMicroelectronics LM138_08 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Application hints
LM138 - LM238 - LM338
18/23
* R1 = 240 Ω for LM138 or LM238
* R2 = 720 Ω for LM138 or LM238
** Minimum load - 100 mA
* R1 = 240 Ω for LM138 or LM238
* R2 = 720 Ω for LM138 or LM238
* * Minimum output = 1.2 V
Figure 24.
5 V logic regulator with electronic shutdown
Figure 25.
Tracking pre-regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23