Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM134D Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce LM134D
Description  Three terminal adjustable current sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134D Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button LM134D Datasheet HTML 8Page - STMicroelectronics LM134D Datasheet HTML 9Page - STMicroelectronics LM134D Datasheet HTML 10Page - STMicroelectronics LM134D Datasheet HTML 11Page - STMicroelectronics LM134D Datasheet HTML 12Page - STMicroelectronics LM134D Datasheet HTML 13Page - STMicroelectronics LM134D Datasheet HTML 14Page - STMicroelectronics LM134D Datasheet HTML 15Page - STMicroelectronics LM134D Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
LM134-LM234-LM334
14/16
5.3
TO-92 bulk package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
L
1.27
0.05
B
3.2
3.7
4.2
0.126
0.1457
0.1654
O1
4.45
5.00
5.2
0.1752
0.1969
0.2047
C
4.58
5.03
5.33
0.1803
0.198
0.2098
K12.7
0.5
O2
0.407
0.5
0.508
0.016
0.0197
0.02
a
0.35
0.0138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16