Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LK115D50-TR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LK115D50-TR
Description  Very low drop with inhibit voltage regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK115D50-TR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LK115D50-TR Datasheet HTML 5Page - STMicroelectronics LK115D50-TR Datasheet HTML 6Page - STMicroelectronics LK115D50-TR Datasheet HTML 7Page - STMicroelectronics LK115D50-TR Datasheet HTML 8Page - STMicroelectronics LK115D50-TR Datasheet HTML 9Page - STMicroelectronics LK115D50-TR Datasheet HTML 10Page - STMicroelectronics LK115D50-TR Datasheet HTML 11Page - STMicroelectronics LK115D50-TR Datasheet HTML 12Page - STMicroelectronics LK115D50-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LK115XX30 - LK115XX33 - LK115XX50
Electrical characteristics
9/14
Table 6.
Electrical characteristics for LK115D50 (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF,
CO = 2.2 µF unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10 mA, VI = 7 V
4.85
5
5.15
V
IO = 10 mA, VI = 7 V, Ta= -40 to 125°C
4.75
5.25
VI
Operating input voltage
IO = 100 mA
20
V
Iout
Output current limit
120
200
mA
ΔVO
Line regulation
VI = 6 to 20 V, IO = 0.5 mA
3
15
mV
ΔVO
Load regulation
VI = 6 V, IO = 0.5 to 100 mA
4
20
mV
Id
Quiescent current
(On Mode)
VI = 6 to 20 V, IO = 0
0.28
0.5
mA
VI = 6 to 20 V, IO = 100 mA
1.5
3
(Off Mode)
VI = 6 to 20 V
0.01
2
µA
SVR
Supply voltage rejection
IO = 5 mA
VI = 7 V ± 1V
f = 120 Hz
75
dB
f = 1 kHz
70
f = 10 kHz
55
eN
Output noise voltage
(RMS)
B = 10 Hz to 100 kHz
110
µV
Vd
Dropout voltage
IO = 60 mA
0.17
V
VHIc
ON/OFF Control (pin 2)
Pin 3 to GND, OFF
0
0.5
V
Pin 3 to GND, ON
2.4
Vin
VLIc
ON/OFF Control (pin 3)
Pin 2 to Vin, OFF
Vin-0.2
Vin
V
Pin 2 to Vin, ON
0
Vin-2.4
CO
Output bypass
capacitance
ESR = 0.5 to 10
Ω, IO = 0 to 100 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14