Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS331DL Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce LIS331DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DL Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button LIS331DL Datasheet HTML 26Page - STMicroelectronics LIS331DL Datasheet HTML 27Page - STMicroelectronics LIS331DL Datasheet HTML 28Page - STMicroelectronics LIS331DL Datasheet HTML 29Page - STMicroelectronics LIS331DL Datasheet HTML 30Page - STMicroelectronics LIS331DL Datasheet HTML 31Page - STMicroelectronics LIS331DL Datasheet HTML 32Page - STMicroelectronics LIS331DL Datasheet HTML 33Page - STMicroelectronics LIS331DL Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Register description
LIS331DL
30/42
7.9
OUT_Z (2Dh)
Z axis output data expressed as 2’s complement number.
7.10
FF_WU_CFG_1 (30h)
Table 29.
OUT_Z register
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0
Table 30.
FF_WU_CFG_1 register
AOI
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 31.
FF_WU_CFG_1 description
AOI
And/Or combination of Interrupt events. Default value: 0
(0: OR combination of interrupt events; 1: AND combination of interrupt events)
LIR
Latch Interrupt request into FF_WU_SRC_1 reg with the FF_WU_SRC_1 reg cleared
by reading FF_WU_SRC_1 reg. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
ZHIE
Enable interrupt generation on Z High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42