| Moteur de recherche de fiches techniques de composants électroniques |
|
LD2985AM33R Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD2985AM33R Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 21 page ![]() Electrical characteristics LD2985Axx - LD2985Bxx 6/21 4 Electrical characteristics Table 5. Electrical characteristics for LD2985A (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA, VSHDN = 2 V, CI = CO = 1 µF, unless otherwise specified). Symbol Parameter Test conditions Min. Typ. Max. Unit VOP Operating input voltage 2.5 16 V VO Output voltage VI = 2.5V 1.478 1.5 1.522 V IO = 1 to 150mA 1.462 1.538 IO = 1 to 150mA, TJ= -40 to 125°C 1.447 1.553 VO Output voltage VI = 2.8V 1.773 1.8 1.827 V IO = 1 to 150mA 1.755 1.845 IO = 1 to 150mA, TJ= -40 to 125°C 1.737 1.863 VO Output voltage VI = 3.5V 1.463 2.5 2.537 V IO = 1 to 50mA 2.4375 2.5625 IO = 1 to 50mA, TJ= -40 to 125°C 2.4125 2.5875 VO Output voltage VI = 3.7V 2.660 2.7 2.740 V IO = 1 to 150mA 2.6325 2.7675 IO = 1 to 150mA, TJ= -40 to 125°C 2.6055 2.7945 VO Output voltage VI = 3.8V 2.758 2.8 2.842 V IO = 1 to 150mA 2.730 2.870 IO = 1 to 150mA, TJ= -40 to 125°C 2.702 2.898 VO Output voltage VI = 3.85V 2.808 2.85 2.892 V IO = 1 to 150mA 2.778 2.921 IO = 1 to 150mA, TJ= -40 to 125°C 2.750 2.950 VO Output voltage VI = 4.0V 2.955 3.0 3.045 V IO = 1 to 150mA 2.925 3.075 IO = 1 to 150mA, TJ= -40 to 125°C 2.895 3.105 VO Output voltage VI = 4.1V 3.054 3.1 3.146 V IO = 1 to 150mA 3.022 3.1775 IO = 1 to 150mA, TJ= -40 to 125°C 2.9915 3.2085 VO Output voltage VI = 4.2V 3.152 3.2 3.248 V IO = 1 to 150mA 3.120 3.280 IO = 1 to 150mA, TJ= -40 to 125°C 3.088 3.312 VO Output voltage VI = 4.3V 3.251 3.3 3.349 V IO = 1 to 150mA 3.2175 3.3825 IO = 1 to 150mA, TJ= -40 to 125°C 3.1845 3.4155 VO Output voltage VI = 4.5V 3.448 3.5 3.552 V IO = 1 to 150mA 3.412 3.587 IO = 1 to 150mA, TJ= -40 to 125°C 3.377 3.622 VO Output voltage VI = 4.6V 3.546 3.6 3.654 V IO = 1 to 150mA 3.510 3.690 IO = 1 to 150mA, TJ= -40 to 125°C 3.474 3.726 |