| Moteur de recherche de fiches techniques de composants électroniques |
|
LD2985AM25R Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD2985AM25R Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() LD2985Axx - LD2985Bxx Maximum ratings 5/21 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 4. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage 16 V VINH INHIBIT input voltage 16 V IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range -40 to 125 °C |