Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39150PT-R Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce LD39150PT-R
Description  Ultra low drop BICMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150PT-R Fiches technique(HTML) 4 Page - STMicroelectronics

  LD39150PT-R Datasheet HTML 1Page - STMicroelectronics LD39150PT-R Datasheet HTML 2Page - STMicroelectronics LD39150PT-R Datasheet HTML 3Page - STMicroelectronics LD39150PT-R Datasheet HTML 4Page - STMicroelectronics LD39150PT-R Datasheet HTML 5Page - STMicroelectronics LD39150PT-R Datasheet HTML 6Page - STMicroelectronics LD39150PT-R Datasheet HTML 7Page - STMicroelectronics LD39150PT-R Datasheet HTML 8Page - STMicroelectronics LD39150PT-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
LD39150
4/19
2
Pin configuration
Figure 2.
Pin connections (top view for DPAK and PPAK, bottom view for DFN)
DFN8 (4x4 mm)
DPAK
PPAK
Table 1.
Pin description
PlN N°
SYMBOL
NOTE
DFN
PPAK
DPAK
85
VSENSE/N.C.
For fixed versions: to be connected with LDO Output Voltage pins for DFN
package and Not Connected on PPAK
ADJ
For adjustable version: Error Amplifier Input pin for VO from 1.22 to 5.0V
3, 4
2
1
VI
LDO Input Voltage; VI from 2.5V to 6V, CI=1µF must be located at a
distance of not more than 0.5’’ from input pin.
6, 7
4
3
VO
LDO Output Voltage pins, with minimum CO=2.2µF needed for stability
(also refer to CO vs. ESR stability chart)
21
VINH
Inhibit Input Voltage: ON MODE when VINH ≥ 2V, OFF MODE when VINH ≤
0.3V (Do not leave floating, not internally pulled down/up)
1
3
2
GND
Common ground
5
N.C.
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19