Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD3980PM08R Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce LD3980PM08R
Description  Low drop - Low supply voltage Low ESR capacitor compatible
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3980PM08R Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button LD3980PM08R Datasheet HTML 4Page - STMicroelectronics LD3980PM08R Datasheet HTML 5Page - STMicroelectronics LD3980PM08R Datasheet HTML 6Page - STMicroelectronics LD3980PM08R Datasheet HTML 7Page - STMicroelectronics LD3980PM08R Datasheet HTML 8Page - STMicroelectronics LD3980PM08R Datasheet HTML 9Page - STMicroelectronics LD3980PM08R Datasheet HTML 10Page - STMicroelectronics LD3980PM08R Datasheet HTML 11Page - STMicroelectronics LD3980PM08R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical characteristics
LD3980
8/16
Figure 9.
Stability value
Figure 10.
Load transient
VI= from 1.76 to 3.6V, IO=from 1mA to 0.3A
VINH=VI, IO=10 to 300mA No CO,CI= 1µF, TRISE=TFALL=5µs
Figure 11.
Line transient
VINH=VI, IO=1mA No CI, CO= 1µF, TRISE=TFALL=1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16