Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7805CV Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce L7805CV
Description  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CV Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button L7805CV Datasheet HTML 34Page - STMicroelectronics L7805CV Datasheet HTML 35Page - STMicroelectronics L7805CV Datasheet HTML 36Page - STMicroelectronics L7805CV Datasheet HTML 37Page - STMicroelectronics L7805CV Datasheet HTML 38Page - STMicroelectronics L7805CV Datasheet HTML 39Page - STMicroelectronics L7805CV Datasheet HTML 40Page - STMicroelectronics L7805CV Datasheet HTML 41Page - STMicroelectronics L7805CV Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Typical performance
L78xx - L78xxC
38/56
1.
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode
(see Figure 32 on page 36) to protect the device against input short circuit. In this case the input voltage
falls rapidly while the output voltage decrease slowly. The capacitance discharges by means of the Base-
Emitter junction of the series pass transistor in the regulator. If the energy is sufficiently high, the transistor
may be destroyed. The external diode by-passes the current from the IC to ground.
Figure 37.
Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56