Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB14NK60Z Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STB14NK60Z
Description  N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB14NK60Z Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STB14NK60Z Datasheet HTML 9Page - STMicroelectronics STB14NK60Z Datasheet HTML 10Page - STMicroelectronics STB14NK60Z Datasheet HTML 11Page - STMicroelectronics STB14NK60Z Datasheet HTML 12Page - STMicroelectronics STB14NK60Z Datasheet HTML 13Page - STMicroelectronics STB14NK60Z Datasheet HTML 14Page - STMicroelectronics STB14NK60Z Datasheet HTML 15Page - STMicroelectronics STB14NK60Z Datasheet HTML 16Page - STMicroelectronics STB14NK60Z Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
STP14NK60Z - STP14NK60ZFP - STB14NK60Z - STB14NK60Z-1 - STW14NK60Z
16/17
Table 10: Revision History
Date
Revision
Description of Changes
26-Aug-2004
4
New stylesheet
06-Sep-2005
5
Inserted Ecopack indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17