Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB12NM50 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STB12NM50
Description  N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NM50 Fiches technique(HTML) 5 Page - STMicroelectronics

  STB12NM50 Datasheet HTML 1Page - STMicroelectronics STB12NM50 Datasheet HTML 2Page - STMicroelectronics STB12NM50 Datasheet HTML 3Page - STMicroelectronics STB12NM50 Datasheet HTML 4Page - STMicroelectronics STB12NM50 Datasheet HTML 5Page - STMicroelectronics STB12NM50 Datasheet HTML 6Page - STMicroelectronics STB12NM50 Datasheet HTML 7Page - STMicroelectronics STB12NM50 Datasheet HTML 8Page - STMicroelectronics STB12NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
STP12NM50FD / STP12NM50FDFP / STB12NM50FD / STB12NM50FD-1 / STW14NM50FD
Transfer Characteristics
Gate Charge vs Gate-source Voltage
Capacitance Variations
Transconductance
Static Drain-source On Resistance
Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14