Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4585B Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce HCF4585B
Description  4-BIT MAGNITUDE COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4585B Fiches technique(HTML) 7 Page - STMicroelectronics

  HCF4585B Datasheet HTML 1Page - STMicroelectronics HCF4585B Datasheet HTML 2Page - STMicroelectronics HCF4585B Datasheet HTML 3Page - STMicroelectronics HCF4585B Datasheet HTML 4Page - STMicroelectronics HCF4585B Datasheet HTML 5Page - STMicroelectronics HCF4585B Datasheet HTML 6Page - STMicroelectronics HCF4585B Datasheet HTML 7Page - STMicroelectronics HCF4585B Datasheet HTML 8Page - STMicroelectronics HCF4585B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HCF4585B
7/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Plastic DIP-16 (0.25) MECHANICAL DATA
P001C



Html Pages

1 2 3 4 5 6 7 8 9