Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC590D1 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M54HC590D1
Description  RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC590D1 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M54HC590D1 Datasheet HTML 8Page - STMicroelectronics M54HC590D1 Datasheet HTML 9Page - STMicroelectronics M54HC590D1 Datasheet HTML 10Page - STMicroelectronics M54HC590D1 Datasheet HTML 11Page - STMicroelectronics M54HC590D1 Datasheet HTML 12Page - STMicroelectronics M54HC590D1 Datasheet HTML 13Page - STMicroelectronics M54HC590D1 Datasheet HTML 14Page - STMicroelectronics M54HC590D1 Datasheet HTML 15Page - STMicroelectronics M54HC590D1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
M54HC590
13/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
2.71
0.083
0.107
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.82
2.39
0.072
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
20.06
20.32
20.58
0.790
0.800
0.810
E
7.36
7.62
7.87
0.290
0.300
0.310
e
2.54
0.100
e1
17.65
17.78
17.90
0.695
0.700
0.705
e2
7.62
7.87
8.12
0.300
0.310
0.320
F
7.29
7.49
7.70
0.287
0.295
0.303
I
3.83
0.151
K
10.90
12.1
0.429
0.476
L
1.14
1.5
0.045
0.059
DILC-16 MECHANICAL DATA
0056437F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16