Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC14D1 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce M54HC14D1
Description  RAD-HARD DUAL BINARY COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC14D1 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button M54HC14D1 Datasheet HTML 4Page - STMicroelectronics M54HC14D1 Datasheet HTML 5Page - STMicroelectronics M54HC14D1 Datasheet HTML 6Page - STMicroelectronics M54HC14D1 Datasheet HTML 7Page - STMicroelectronics M54HC14D1 Datasheet HTML 8Page - STMicroelectronics M54HC14D1 Datasheet HTML 9Page - STMicroelectronics M54HC14D1 Datasheet HTML 10Page - STMicroelectronics M54HC14D1 Datasheet HTML 11Page - STMicroelectronics M54HC14D1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M54HC393
10/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.95
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.10
0.127
0.15
0.004
0.005
0.006
E
7.50
7.62
7.75
0.295
0.300
0.305
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.236
L
18.75
22.0
0.738
0.866
M
0.38
0.015
N
4.31
0.170
FPC-14 MECHANICAL DATA
016029E
1
7
8
14
F
G
D
H
A
B
M
N
H
C
L
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12