Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4093 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce HCF4093
Description  QUAD 2-input NAND Schmidt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Fiches technique(HTML) 2 Page - STMicroelectronics

  HCF4093 Datasheet HTML 1Page - STMicroelectronics HCF4093 Datasheet HTML 2Page - STMicroelectronics HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin settings
HCF4093
2/13
1
Pin settings
1.1
Pin connection
Figure 1.
HCF4093B pin connection
Figure 2.
Input equivalent circuit
Table 2.
Pin description
Pin number
Symbol
Name and function
1, 2, 5, 6, 8, 9, 12, 13
A, B, C, D, E, F, G, H
Data Inputs
3, 4, 10, 11
J, K, L, M
Data Outputs
7VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13