Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4093 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce HCF4093
Description  QUAD 2-input NAND Schmidt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button HCF4093_07 Datasheet HTML 5Page - STMicroelectronics HCF4093_07 Datasheet HTML 6Page - STMicroelectronics HCF4093_07 Datasheet HTML 7Page - STMicroelectronics HCF4093_07 Datasheet HTML 8Page - STMicroelectronics HCF4093_07 Datasheet HTML 9Page - STMicroelectronics HCF4093_07 Datasheet HTML 10Page - STMicroelectronics HCF4093_07 Datasheet HTML 11Page - STMicroelectronics HCF4093_07 Datasheet HTML 12Page - STMicroelectronics HCF4093_07 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HCF4093
Package mechanical data
11/13
Figure 7.
SO-14 tape and reel information
1.
Drawing not to scale.
Table 10.
SO-14 tape and reel information
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T22.4
0.882
Ao
6.4
6.6
2.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13