Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESDALC6V1W5 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ESDALC6V1W5
Description  Quad TRANSIL array for data protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 Fiches technique(HTML) 2 Page - STMicroelectronics

  ESDALC6V1W5_06 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5_06 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5_06 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5_06 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5_06 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5_06 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5_06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1 Characteristics
ESDALC6V1W5
2/7
1
Characteristics
1.1
Electrical Characteristics (Tamb = 25°C)
Table 1.
Absolute Ratings (Tamb = 25°C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power (8/20 µs)
25
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Top
Operating temperature range(1)
1.
The values of the operating parameters versus temperature are given through curves and
αT parameter.
-40 to +150
°C
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
IR
Reverse leakage current
IF
Forward current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Part Numbers
VBR@ IR
IRM @ VRM
Rd
αTC
min.
max.
max.
typ.(1)
1.
Square pulse lpp = 15 A, tp = 2.5 µs
max.(2)
2.
VBR = aT* (Tamb - 25 °C) * VBR (25 °C)
typ.
3V bias
VV
mA
µA
V
Ω
10-4/°C
pF
ESDALC6V1W5
6.1
7.2
1
1
3
1.1
6
7.5
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com