Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DVIULC6-2P6 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce DVIULC6-2P6
Description  Ultra low capacitance ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-2P6 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button DVIULC6-2P6 Datasheet HTML 9Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 10Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 11Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 12Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 13Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 14Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 15Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 16Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Ordering information
DVIULC6-2x6
16/17
6
Ordering information
7
Revision history
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
DVIULC6-2M6
T(1)
1.
The marking can be rotated by 90° to diferentiate assembly location
µQFN 6 leads
2.2 mg
3000
Tape and reel
DVIULC6-2P6
R
SOT-666
2.9 mg
3000
Tape and reel
Table 6.
Document revision history
Date
Revision
Description of changes
06-May-2008
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17