Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DALC208SC6 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce DALC208SC6
Description  Low capacitance diode array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button DALC208SC6 Datasheet HTML 6Page - STMicroelectronics DALC208SC6 Datasheet HTML 7Page - STMicroelectronics DALC208SC6 Datasheet HTML 8Page - STMicroelectronics DALC208SC6 Datasheet HTML 9Page - STMicroelectronics DALC208SC6 Datasheet HTML 10Page - STMicroelectronics DALC208SC6 Datasheet HTML 11Page - STMicroelectronics DALC208SC6 Datasheet HTML 12Page - STMicroelectronics DALC208SC6 Datasheet HTML 13Page - STMicroelectronics DALC208SC6 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DALC208
PSpice model
11/14
Table 4.
PSpice parameter
Parameter
DPOS
DNEG
BV
9
9
CJO
7p
7p
IBV
1u
1u
IKF
28.357E-3
1000
IS
118.78E-15
5.6524E-9
ISR
100E-12
472.3E-9
M
0.3333
0.3333
N
1.3334
2.413
NR
2
2
RS
0.68377
0.71677
VJ
0.6
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14