Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC374 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce 74VHC374
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC374 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button 74VHC374 Datasheet HTML 6Page - STMicroelectronics 74VHC374 Datasheet HTML 7Page - STMicroelectronics 74VHC374 Datasheet HTML 8Page - STMicroelectronics 74VHC374 Datasheet HTML 9Page - STMicroelectronics 74VHC374 Datasheet HTML 10Page - STMicroelectronics 74VHC374 Datasheet HTML 11Page - STMicroelectronics 74VHC374 Datasheet HTML 12Page - STMicroelectronics 74VHC374 Datasheet HTML 13Page - STMicroelectronics 74VHC374 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
74VHC374
12/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
6.9
7.1
0.272
0.280
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14