Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC240 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 74VHC240
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC240 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button 74VHC240 Datasheet HTML 2Page - STMicroelectronics 74VHC240 Datasheet HTML 3Page - STMicroelectronics 74VHC240 Datasheet HTML 4Page - STMicroelectronics 74VHC240 Datasheet HTML 5Page - STMicroelectronics 74VHC240 Datasheet HTML 6Page - STMicroelectronics 74VHC240 Datasheet HTML 7Page - STMicroelectronics 74VHC240 Datasheet HTML 8Page - STMicroelectronics 74VHC240 Datasheet HTML 9Page - STMicroelectronics 74VHC240 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74VHC240
6/12
Figure 4: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
Figure 5: Waveform - Output Enable And Disable Time (f=1MHz; 50% duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12