Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZM2BB45FS Fiches technique(PDF) 4 Page - SunLED Corporation

No de pièce ZM2BB45FS
Description  3.5x2.8 mm PLCC2 SMD LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZM2BB45FS Fiches technique(HTML) 4 Page - SunLED Corporation

  ZM2BB45FS Datasheet HTML 1Page - SunLED Corporation ZM2BB45FS Datasheet HTML 2Page - SunLED Corporation ZM2BB45FS Datasheet HTML 3Page - SunLED Corporation ZM2BB45FS Datasheet HTML 4Page - SunLED Corporation ZM2BB45FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6370
V1
Checked : B.L.LIU
P.4/5
Part Number:
ZM2BB45FS
3.5x2.8 mm PLCC2 SMD LED
www.SunLED.com
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.



Html Pages

1 2 3 4 5