Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5376 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button VT5376 Datasheet HTML 18Page - STMicroelectronics VT5376 Datasheet HTML 19Page - STMicroelectronics VT5376 Datasheet HTML 20Page - STMicroelectronics VT5376 Datasheet HTML 21Page - STMicroelectronics VT5376 Datasheet HTML 22Page - STMicroelectronics VT5376 Datasheet HTML 23Page - STMicroelectronics VT5376 Datasheet HTML 24Page - STMicroelectronics VT5376 Datasheet HTML 25Page - STMicroelectronics VT5376 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
General features
VT5376
22/30
7.7
Sensor orientation on PCB (with lens)
The VT5376 must be orientated correctly on the PCB in order to move the cursor in the
correct directions when the mouse is moved. This is shown in Figure 13.
Figure 13.
VT5376 optical centre
Pin 1 marking
TOP VIEW of PCB
UP
DOWN
LEFT
VT5376 mounted UNDERNEATH
RIGHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30