Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5363 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button VT5363 Datasheet HTML 12Page - STMicroelectronics VT5363 Datasheet HTML 13Page - STMicroelectronics VT5363 Datasheet HTML 14Page - STMicroelectronics VT5363 Datasheet HTML 15Page - STMicroelectronics VT5363 Datasheet HTML 16Page - STMicroelectronics VT5363 Datasheet HTML 17Page - STMicroelectronics VT5363 Datasheet HTML 18Page - STMicroelectronics VT5363 Datasheet HTML 19Page - STMicroelectronics VT5363 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Optics assembly
VT5363
16/23
Mouse assembly guidelines
1.
Attach the sensor and all other electrical components onto PCB with the exception of
the navigation LED.
2.
Form the LED leads and insert the LED into the optical assembly.
3.
Fit the optics with aperture to the PCB using the guideposts and feed the navigation
LED leads through their openings. Take care to keep contamination off the sensor
surface. The aperture should self-align to the VT5363 package.
4.
Route the USB/PS2 lead through the base plate then fit the base plate.
5.
Solder the navigation LED leads and trim.
6.
Add mouse top case and feet.
Note:
For more details on the optics (including manufacturers), please refer to the STV-363-R01
user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23