| Moteur de recherche de fiches techniques de composants électroniques |
|
USBLC6-2SC6 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
USBLC6-2SC6 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 14 page ![]() USBLC6-2 Technical information 9/14 2.6 PSpice model Figure 16. shows the PSpice model of one USBLC6-2 cell. In this model, the diodes are defined by the PSpice parameters given in Figure 17. Figure 16. PSpice model Note: This simulation model is available only for an ambient temperature of 27 °C. MODEL = Dlow MODEL = Dhigh VBUS LI/O LGND GND D+in MODEL = Dzener RI/O LI/O D-in RI/O LI/O LI/O RGND RI/O D-out RI/O MODEL = Dlow MODEL = Dhigh LI/O D+out RI/O Figure 17. PSpice parameters Figure 18. USBLC6-2 PCB layout considerations Dlow Dhigh Dzener BV 50 50 7.3 CJ0 0.9p 2.0p 40p IBV 1m 1m 1m M 0.3333 0.3333 0.3333 RS 0.2 0.52 0.84 VJ 0.6 0.6 0.6 TT 0.1u 0.1u 0.1u LI/O 750p RI/O 110m LGND 550p RGND 60m D+in D+out D-out GND USBLC6-2 D-in VBUS 1 C = 100nF BUS |