Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBLC6-2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce USBLC6-2
Description  Very low capacitance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button USBLC6-2_08 Datasheet HTML 6Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 7Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 8Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 9Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 10Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 11Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 12Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 13Page - STMicroelectronics USBLC6-2_08 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Ordering information scheme
USBLC6-2
10/14
3
Ordering information scheme
Figure 19.
Ordering information scheme
USB
LC
6 - 2
xxx
Product Designation
Low capacitance
Breakdown Voltage
Packages
6 = 6 Volts
2 = 2 lines
SC6 = SOT23-6L
P6 = SOT-666
Number of lines protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14