Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN4NF03 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STN4NF03
Description  N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF03 Fiches technique(HTML) 3 Page - STMicroelectronics

  STN4NF03 Datasheet HTML 1Page - STMicroelectronics STN4NF03 Datasheet HTML 2Page - STMicroelectronics STN4NF03 Datasheet HTML 3Page - STMicroelectronics STN4NF03 Datasheet HTML 4Page - STMicroelectronics STN4NF03 Datasheet HTML 5Page - STMicroelectronics STN4NF03 Datasheet HTML 6Page - STMicroelectronics STN4NF03 Datasheet HTML 7Page - STMicroelectronics STN4NF03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STN4NF03L
Thermal Impedence Junction-PCB
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =15 V,ID =2 A
RG = 4.7Ω VGS =4.5 V
(see test circuit, Figure 3)
11
ns
tr
Rise Time
100
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =24 V,ID =4 A,
VGS =10 V
6.5
3.6
2
9nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off-Delay Time
VDD =15 V,ID =2 A,
RG =4.7Ω, VGS = 4.5 V
(see test circuit, Figure 3)
25
ns
tf
Fall Time
22
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
6.5
26
A
A
VSD (1)
Forward On Voltage
ISD = 6.5 A, VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 6.5 A, di/dt = 100 A/µs,
VDD =15 V,Tj = 150°C
(see test circuit, Figure 5)
35
25
1.4
ns
nC
A
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8