| Moteur de recherche de fiches techniques de composants électroniques |
|
STM6905PWFDS6F Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6905PWFDS6F Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() STM6905 Operation 9/19 3 Operation The STM6905 provides the ability to monitor critical voltages such as power-supply and battery voltage levels, while interfacing easily to the system controllers/microprocessors. Figure 4 shows typical hardware hookup for monitoring five voltages; two fixed thresholds (customer-selectable, factory-programmed ) and three adjustable monitor inputs. RST output is open drain and requires a 10k ohms pull-up resistor tied to VCC. 3.1 Setting the adjustable voltage levels for V3IN, V4IN, and V5IN inputs The user can customize the minimum voltage levels for the three adjustable voltage inputs by connecting an external resistor divider network to the V3IN, V4IN and V5IN pins in order to set the trip point at some voltage above the 600 mv (VREF) according to the following formula. During normal operation, the STM6905 monitors the voltage levels at all the five pins (Vcc, V2IN, V3IN, V4IN and V5IN). 3.2 Power on reset (tREC) On power up, the STM6905 activates a power on reset circuit which asserts the reset pin (i.e. RST goes low). The RST signal remains active until VCC (and V2IN, V3IN, V4IN, V5IN and MR) rises above the minimum voltage level for the time period tREC thereby ensuring that the supply voltage has stabilized to sufficient operating levels. 2 2 1 6 . 0 R R R V VTRIP + × = |