Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWD100PPW83E Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STWD100PPW83E
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100PPW83E Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STWD100PPW83E Datasheet HTML 12Page - STMicroelectronics STWD100PPW83E Datasheet HTML 13Page - STMicroelectronics STWD100PPW83E Datasheet HTML 14Page - STMicroelectronics STWD100PPW83E Datasheet HTML 15Page - STMicroelectronics STWD100PPW83E Datasheet HTML 16Page - STMicroelectronics STWD100PPW83E Datasheet HTML 17Page - STMicroelectronics STWD100PPW83E Datasheet HTML 18Page - STMicroelectronics STWD100PPW83E Datasheet HTML 19Page - STMicroelectronics STWD100PPW83E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
DC and AC parameters
STWD100
16/25
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 3. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Table 3.
Operating and AC measurement conditions
Parameter
Value
Unit
VCC supply voltage
2.7 to 5.5
V
Ambient operating temperature (TA)
–40 to 125
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25