Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1810MSWX7F Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STM1810MSWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1810MSWX7F Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STM1810MSWX7F Datasheet HTML 16Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 17Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 18Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 19Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 20Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 21Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 22Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 23Page - STMicroelectronics STM1810MSWX7F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package mechanical
STM1810/1811/1812/1813/1815/1816/1817/1818
20/25
6
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 22.
SOT23-3 – 3-lead small outline transistor package outline
1.
Drawing is not to scale.
SOT23-3
0.10 C
A
A2
A1
3X
C
C
L1
θ
L
C
e1
D
e
3X b
E
M
0.15
CA B
B
E1
A
M
0.20
C A B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25