Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS424E02CDA3F Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STTS424E02CDA3F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA3F Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STTS424E02CDA3F Datasheet HTML 43Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 44Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 45Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 46Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 47Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 48Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 49Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 50Page - STMicroelectronics STTS424E02CDA3F Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Landing pattern
STTS424E02
48/51
13
Landing pattern
The landing pattern recommendations per the JEDEC proposal for the TDFN package (DN)
are shown in Figure 19.
The preferred implementation with wide corner pads enhances device centering during
assembly, but a narrower option is defined for modules with tight routing requirements.
Figure 19.
Landing pattern - TDFN package (DN)
e/2
e/2
e2
K
K
E2/2
E2/2
E2
D2/2
D2
D2/2
L
L
e
b
b
b2
b4
K2
K2
K2
E3
E3
e4
ai14000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51