Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS424E02CDN3F Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STTS424E02CDN3F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN3F Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STTS424E02CDN3F Datasheet HTML 43Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 44Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 45Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 46Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 47Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 48Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 49Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 50Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
STTS424E02
Package marking information
47/51
12
Package marking information
Figure 17.
DA package topside marking information (DFN-8L)
1.
Option codes:
X = B or C accuracy grade. For example, E42C is C-grade.
2.
Traceability codes
P = Plant code
Y = Year
WW = Work Week
Figure 18.
DN package topside marking information (TDFN-8L)
1.
Option codes:
X = B or C accuracy grade. For example, E42C is C-grade.
2.
TDFN package identifier
DN = 0.80 mm (package height)
3.
Traceability codes
P = Plant code
Y = Year
WW = Work Week
E42X (1)
ai13907
PYWW (2)
ai13907b
E42X (1)
PYWW(3)
DN (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51