Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWD100 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STWD100
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STWD100 Datasheet HTML 6Page - STMicroelectronics STWD100 Datasheet HTML 7Page - STMicroelectronics STWD100 Datasheet HTML 8Page - STMicroelectronics STWD100 Datasheet HTML 9Page - STMicroelectronics STWD100 Datasheet HTML 10Page - STMicroelectronics STWD100 Datasheet HTML 11Page - STMicroelectronics STWD100 Datasheet HTML 12Page - STMicroelectronics STWD100 Datasheet HTML 13Page - STMicroelectronics STWD100 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Watchdog timing
STWD100
10/25
3
Watchdog timing
Figure 6.
Power-up
X
X
STWD100xP
STWD100xW, STWD100xX, STWD100xY
AI12662
Power up: Watchdog timer starts running as soon as VCC
rises above ~ 2.2 V.
Power up: Watchdog timer starts running as soon as VCC
rises above ~ 2.2 V.
At power up, WDI is a don't care. It can be 1 or 0.
Can also transition from high to low.
Low-to-high transition on WDI will reset timer.
But no input transition is required to begin timing.
At power up, WDI is a don't care. It can be 1 or 0.
Low-to-high or high-to-low transition on WDI
will reset timer.
But no input transition is required to begin timing.
~ 2.2 V
~ 2.2 V
VCC
VCC
WDI
WDI
WDO
WDO
EN
EN
X (ie, 1 or 0 but not floating)
X (ie, 1 or 0 but not floating)
tWD
tWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25