Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS75DS2E Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STTS75DS2E
Description  Digital temperature sensor and thermal watchdog
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS75DS2E Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STTS75DS2E Datasheet HTML 26Page - STMicroelectronics STTS75DS2E Datasheet HTML 27Page - STMicroelectronics STTS75DS2E Datasheet HTML 28Page - STMicroelectronics STTS75DS2E Datasheet HTML 29Page - STMicroelectronics STTS75DS2E Datasheet HTML 30Page - STMicroelectronics STTS75DS2E Datasheet HTML 31Page - STMicroelectronics STTS75DS2E Datasheet HTML 32Page - STMicroelectronics STTS75DS2E Datasheet HTML 33Page - STMicroelectronics STTS75DS2E Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
DC and AC parameters
STTS75
30/39
6
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 13. Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 13.
Operating and AC measurement conditions
Parameter
STTS75
Unit
Supply voltage
2.7 to 5.5
V
Ambient operating temperature (TA)
–55 to 125
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VDD
V
Input and output timing reference voltages
0.3 to 0.7VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39