Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS75 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STTS75
Description  Digital temperature sensor and thermal watchdog
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS75 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STTS75 Datasheet HTML 20Page - STMicroelectronics STTS75 Datasheet HTML 21Page - STMicroelectronics STTS75 Datasheet HTML 22Page - STMicroelectronics STTS75 Datasheet HTML 23Page - STMicroelectronics STTS75 Datasheet HTML 24Page - STMicroelectronics STTS75 Datasheet HTML 25Page - STMicroelectronics STTS75 Datasheet HTML 26Page - STMicroelectronics STTS75 Datasheet HTML 27Page - STMicroelectronics STTS75 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Functional description
STTS75
24/39
3.5
READ mode
In this mode the master reads the STTS75 slave after setting the slave address (see
Figure 8). Following the WRITE mode control bit (R/W=0) and the acknowledge bit, the word
address 'An' is written to the on-chip address pointer.
There are two READ modes:
Preset pointer locations (e.g. Temperature, TOS and THYS registers), and
Pointer setting (the pointer has to be set for the register that is to be read)
Note:
The Temperature register pointer is usually the default pointer.
These modes are shown in the READ mode typical timing diagrams (see Figure 9,
Figure 10, and Figure 11 on page 25).
Figure 8.
Slave address location
AI12226
R/W
SLAVE ADDRESS
START
A
0
1
A2 A1 A0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39