Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS75 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STTS75
Description  Digital temperature sensor and thermal watchdog
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS75 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STTS75_08 Datasheet HTML 12Page - STMicroelectronics STTS75_08 Datasheet HTML 13Page - STMicroelectronics STTS75_08 Datasheet HTML 14Page - STMicroelectronics STTS75_08 Datasheet HTML 15Page - STMicroelectronics STTS75_08 Datasheet HTML 16Page - STMicroelectronics STTS75_08 Datasheet HTML 17Page - STMicroelectronics STTS75_08 Datasheet HTML 18Page - STMicroelectronics STTS75_08 Datasheet HTML 19Page - STMicroelectronics STTS75_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Operation
STTS75
16/39
2.9
One-shot mode
STTS75 supports a one-shot temperature measurement mode. This is invoked by putting
the device in shutdown mode (SD bit 0 in the configuration register is set to ‘1’) and writing a
‘1’ to the OSM (bit 7) to start a single temperature conversion. STTS75 returns to the
shutdown state after completion of the single conversion. This is useful to reduce power
consumption when continuous monitoring is not needed. When the configuration register is
read, the OSM bit will read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39