Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD1812PUR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STOD1812PUR
Description  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812PUR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STOD1812PUR Datasheet HTML 9Page - STMicroelectronics STOD1812PUR Datasheet HTML 10Page - STMicroelectronics STOD1812PUR Datasheet HTML 11Page - STMicroelectronics STOD1812PUR Datasheet HTML 12Page - STMicroelectronics STOD1812PUR Datasheet HTML 13Page - STMicroelectronics STOD1812PUR Datasheet HTML 14Page - STMicroelectronics STOD1812PUR Datasheet HTML 15Page - STMicroelectronics STOD1812PUR Datasheet HTML 16Page - STMicroelectronics STOD1812PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STOD1812
Package mechanical data
13/19
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19