Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208SQTR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STMPE1208SQTR
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208SQTR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STMPE1208SQTR Datasheet HTML 9Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 10Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 11Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 12Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 13Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 14Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 15Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 16Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
STMPE1208S
Power schemes
13/51
4
Power schemes
The STMPE1208S can be powered by a 2.5 V supply directly, or 3.0 - 5.5 V supply through
the internal voltage regulator.
Figure 6.
Power using the internal regulator
1.
REG_DISABLE bit in CTRL_2 register = 0
Figure 7.
Power bypassing the internal regulator
1.
REG_DISABLE bit in CTRL_2 register = 1
STMPE1208S
VPH
VREG
V25
GND
3 - 5.5V
2.2uF
CS00041
STMPE1208S
VPH
VREG
V25
GND
3 - 5.5V
CS00042
2.25 - 2.75V
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51