Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1404CSOBQ6F Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM1404CSOBQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSOBQ6F Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM1404CSOBQ6F Datasheet HTML 20Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 21Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 22Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 23Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 24Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 25Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
DC and AC parameters
STM1404
24/36
7
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 5: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 24.
AC testing input/output waveforms
Figure 25.
MR timing waveform
Table 5.
Operating and AC measurement conditions
Parameter
STM1404
Unit
VCC/VBAT supply voltage
2.2 to 3.6
V
Ambient operating temperature (TA)–40 to 85
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VCC
V
Input and output timing ref. voltages
0.3 to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
AI09694
RST
MR
tMLRL
trec
tMLMH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35