Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STMPE811_08 Datasheet HTML 17Page - STMicroelectronics STMPE811_08 Datasheet HTML 18Page - STMicroelectronics STMPE811_08 Datasheet HTML 19Page - STMicroelectronics STMPE811_08 Datasheet HTML 20Page - STMicroelectronics STMPE811_08 Datasheet HTML 21Page - STMicroelectronics STMPE811_08 Datasheet HTML 22Page - STMicroelectronics STMPE811_08 Datasheet HTML 23Page - STMicroelectronics STMPE811_08 Datasheet HTML 24Page - STMicroelectronics STMPE811_08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
STMPE811
Interrupt system
21/54
8
Interrupt system
The STMPE811 uses a 2-tier interrupt structure. The ADC interrupts and GPIO interrupts
are ganged as a single bit in the “interrupt status register”. The interrupts from the
touchscreen controller and temperature sensor can be seen directly in the interrupt status
register.
Figure 8.
Interrupt system diagram
GPIO
interrupt
status
FIFO status,
TSC touch,
Temp sensor
AND
Interrupt
enable
Interrupt
status
AND
GPIO
interrupt
enable
AND
ADC
interrupt
enable
ADC
interrupt
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54