| Moteur de recherche de fiches techniques de composants électroniques |
|
74V1T02STR Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V1T02STR Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() 74V1T02 2/9 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 0.8V to 2V PIN N° SYMBOL NAME AND FUNCTION 1 1A Data Input 2 1B Data Input 4 1Y Data Output 3 GND Ground (0V) 5 VCC Positive Supply Voltage AB Y LL H LHL HL L HH L Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current -20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0to 5.5 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 1) (VCC =5.0 ± 0.5V) 0 to 20 ns/V |