Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6718 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STM6718
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6718 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STM6718 Datasheet HTML 21Page - STMicroelectronics STM6718 Datasheet HTML 22Page - STMicroelectronics STM6718 Datasheet HTML 23Page - STMicroelectronics STM6718 Datasheet HTML 24Page - STMicroelectronics STM6718 Datasheet HTML 25Page - STMicroelectronics STM6718 Datasheet HTML 26Page - STMicroelectronics STM6718 Datasheet HTML 27Page - STMicroelectronics STM6718 Datasheet HTML 28Page - STMicroelectronics STM6718 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Part numbering
27/29
Note:
For Topside marking, “7” is the family number, followed by the VRST1 threshold, VRST2
threshold and device number (1,9 = STM6717, 2 = 6718, 3 = 6719, 4 = 6720, 5 = 6777, 6 =
6778, 7 = 6779, 8 = 6780).
For Bottomside marking, “P” = assembly site, “Y” = 1-digit year, and “WW” = 2-digit work
week.
STM6778TG
3.075
1.110
7TG6
PYWW
STM6778TW
3.075
1.665
7TW6
PYWW
STM6778SV
2.925
1.575
7SV6
PYWW
STM6778SY
2.925
2.188
7SY6
PYWW
STM6778TZ
3.075
2.313
7TZ6
PYWW
STM6779L
4.625
-
7Lx7
PYWW
STM6779T
3.075
-
7Tx7
PYWW
STM6779S
2.925
-
7Sx7
PYWW
STM6779Y
2.188
-
7Yx7
PYWW
STM6779V
1.575
-
7Vx7
PYWW
STM6780L
4.625
-
7Lx8
PYWW
STM6780T
3.075
-
7Tx8
PYWW
STM6780S
2.925
-
7Sx8
PYWW
STM6780Y
2.188
-
7Yx8
PYWW
STM6780V
1.575
-
7Vx8
PYWW
Table 11.
Marking description (continued)
Part number
VRST1 threshold (V)
VRST1 threshold (V)
Topside marking
Bottomside marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29