Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6321 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STM6321
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STM6321_08 Datasheet HTML 19Page - STMicroelectronics STM6321_08 Datasheet HTML 20Page - STMicroelectronics STM6321_08 Datasheet HTML 21Page - STMicroelectronics STM6321_08 Datasheet HTML 22Page - STMicroelectronics STM6321_08 Datasheet HTML 23Page - STMicroelectronics STM6321_08 Datasheet HTML 24Page - STMicroelectronics STM6321_08 Datasheet HTML 25Page - STMicroelectronics STM6321_08 Datasheet HTML 26Page - STMicroelectronics STM6321_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Package mechanical data
23/28
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 27.
SOT23-5 – 5-lead small outline transistor package mechanical drawing
1.
Drawing is not to scale.
SOT23-5L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28