Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1068CF38F Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STM1068CF38F
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068CF38F Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STM1068CF38F Datasheet HTML 4Page - STMicroelectronics STM1068CF38F Datasheet HTML 5Page - STMicroelectronics STM1068CF38F Datasheet HTML 6Page - STMicroelectronics STM1068CF38F Datasheet HTML 7Page - STMicroelectronics STM1068CF38F Datasheet HTML 8Page - STMicroelectronics STM1068CF38F Datasheet HTML 9Page - STMicroelectronics STM1068CF38F Datasheet HTML 10Page - STMicroelectronics STM1068CF38F Datasheet HTML 11Page - STMicroelectronics STM1068CF38F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Operation
STM1068
8/22
2
Operation
The STM1068 device monitors supply voltage VCC and logic states of EN and INH inputs.
According to detected states is the output OUT connected to VIN or GND and the pass gate
between PKX and POX is either enabled or disabled (see Table 2, Table 3 , and Figure 11
for more details).
2.1
Output, OUT
If the enable input is in a logic high state and inhibit input is in a logic low state, the output
will be connected to VIN input as VCC rises above the VTH+ voltage threshold. Otherwise, the
output is connected to ground GND. The output is current limited (see Table 6).
2.2
Enable input, EN
A logic low on the enable input disconnects the output, OUT, from VIN, the POX will follow
the PKX and the device enters a standby mode with very low current consumption (see
Table 6).
2.3
Inhibit input, INH
A logic high on the inhibit input disconnects the output, OUT, from VIN and the POX will
follow the PKX.
2.4
Pass gate, PKX and POX
Pass gate between PKX and POX is disabled only if enable input is in logic high, inhibit input
is in logic low and the supply voltage is below the voltage threshold.
Table 2.
Truth table for output, OUT
EN(1)
1.
Once the device is disabled by EN input, the VCC must be above VTH+ to reconnect output to VIN.
INH
VCC
OUT
L
x
x
connected to GND
x
H
x
connected to GND
xx
<VTH+ (rising edge)
<VTH- (falling edge)
connected to GND
HL
>VTH+ (rising edge)
>VTH- (falling edge)
connected to VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22