Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1068 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM1068
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068 Fiches technique(HTML) 5 Page - STMicroelectronics

  STM1068 Datasheet HTML 1Page - STMicroelectronics STM1068 Datasheet HTML 2Page - STMicroelectronics STM1068 Datasheet HTML 3Page - STMicroelectronics STM1068 Datasheet HTML 4Page - STMicroelectronics STM1068 Datasheet HTML 5Page - STMicroelectronics STM1068 Datasheet HTML 6Page - STMicroelectronics STM1068 Datasheet HTML 7Page - STMicroelectronics STM1068 Datasheet HTML 8Page - STMicroelectronics STM1068 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STM1068
Description
5/22
1
Description
STM1068 device monitors supply voltage VCC and the state of EN and INH inputs.
Depending on logical combination of these inputs, the output OUT is connected to VIN or
GND and the pass gate between PKX and POX is either enabled or disabled (see Table 2
and Table 3 for more details).
The device offers several voltage thresholds, VTH+ (see Table 9) and it is available in
miniature flip chip 8-bump package.
Figure 1.
Logic diagram
ai13958
VCC
VIN
OUT
EN
INH
GND
PKX
POX
STM1068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22