Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LX1G07STR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce 74LX1G07STR
Description  Single buffer/driver with open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07STR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button 74LX1G07STR Datasheet HTML 12Page - STMicroelectronics 74LX1G07STR Datasheet HTML 13Page - STMicroelectronics 74LX1G07STR Datasheet HTML 14Page - STMicroelectronics 74LX1G07STR Datasheet HTML 15Page - STMicroelectronics 74LX1G07STR Datasheet HTML 16Page - STMicroelectronics 74LX1G07STR Datasheet HTML 17Page - STMicroelectronics 74LX1G07STR Datasheet HTML 18Page - STMicroelectronics 74LX1G07STR Datasheet HTML 19Page - STMicroelectronics 74LX1G07STR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
74LX1G07
16/20
Figure 10.
SOT323-xL tape and reel
1.
Drawing not to scale.
Table 14.
SOT323-xL tape and reel mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
175
180
185
6.889
7.086
7.283
C
12.8
13
13.2
0.504
0.512
0.519
D
20.2
0.795
N
59.5
60
60.5
2.362
T
14.4
0.567
Ao
2.25
0.088
Bo
2.7
0.106
Ko
1.2
0.047
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.8
4
4.2
0.149
0.157
0.165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20