| Moteur de recherche de fiches techniques de composants électroniques |
|
STM7E1AR Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM7E1AR Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() STM7E1A 3/10 NOTE 1: All VNEG pins to be connected together on board. NOTE 2: All VPOS pins to be connected together on board. 31 Rx#6 IOA Channel 6: RX line 32 Rxs#6 IOA Channel 6: RX spare port 35 Sc I Control digital input 36 Ls I Control digital input 37 Lm I Control digital input 39 Txm#6 IOA Channel 6: TX main port 40 Tx#6 IOA Channel 6: TX line 41 Txs#6 IOA Channel 6: TX spare port 42 Mode I Control Digital Input 43 Rxm#0 IOA Channel 0: RX main port 44 Rx#0 IOA Channel 0: RX line 45 Rxs#0 IOA Channel 0: RX spare port 46 TEST/Sn I Channel 6: RX main port 49 Txm#0 IOA Channel 0: TX main port 50 Tx#0 IOA Channel 0: TX line 51 Txs#0 IOA Channel 0: TX spare port 53 Rxm#1 IOA Channel 1: RX main port 54 Rx#1 IOA Channel 1: RX line 55 Rxs#1 IOA Channel 1: RX spare port 57 Txm#1 IOA Channel 1: TX main port 58 Tx#1 IOA Channel 1: TX line 59 Txs#1 IOA Channel 1: TX spare port 61 Rxm#2 IOA Channel 2: RX main port 62 Rx#2 IOA Channel 2: RX line 63 Rxs#2 IOA Channel 2: RX spare port PlN N° SYMBOL TYPE NAME AND FUNCTION |