Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM7E1A Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STM7E1A
Description  7 E 1 CHANNELS SWITCH ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1A Fiches technique(HTML) 3 Page - STMicroelectronics

  STM7E1A Datasheet HTML 1Page - STMicroelectronics STM7E1A Datasheet HTML 2Page - STMicroelectronics STM7E1A Datasheet HTML 3Page - STMicroelectronics STM7E1A Datasheet HTML 4Page - STMicroelectronics STM7E1A Datasheet HTML 5Page - STMicroelectronics STM7E1A Datasheet HTML 6Page - STMicroelectronics STM7E1A Datasheet HTML 7Page - STMicroelectronics STM7E1A Datasheet HTML 8Page - STMicroelectronics STM7E1A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STM7E1A
3/10
NOTE 1: All VNEG pins to be connected together on board.
NOTE 2: All VPOS pins to be connected together on board.
31
Rx#6
IOA
Channel 6: RX line
32
Rxs#6
IOA
Channel 6: RX spare port
35
Sc
I
Control digital input
36
Ls
I
Control digital input
37
Lm
I
Control digital input
39
Txm#6
IOA
Channel 6: TX main port
40
Tx#6
IOA
Channel 6: TX line
41
Txs#6
IOA
Channel 6: TX spare port
42
Mode
I
Control Digital Input
43
Rxm#0
IOA
Channel 0: RX main port
44
Rx#0
IOA
Channel 0: RX line
45
Rxs#0
IOA
Channel 0: RX spare port
46
TEST/Sn
I
Channel 6: RX main port
49
Txm#0
IOA
Channel 0: TX main port
50
Tx#0
IOA
Channel 0: TX line
51
Txs#0
IOA
Channel 0: TX spare port
53
Rxm#1
IOA
Channel 1: RX main port
54
Rx#1
IOA
Channel 1: RX line
55
Rxs#1
IOA
Channel 1: RX spare port
57
Txm#1
IOA
Channel 1: TX main port
58
Tx#1
IOA
Channel 1: TX line
59
Txs#1
IOA
Channel 1: TX spare port
61
Rxm#2
IOA
Channel 2: RX main port
62
Rx#2
IOA
Channel 2: RX line
63
Rxs#2
IOA
Channel 2: RX spare port
PlN N°
SYMBOL
TYPE
NAME AND FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10