Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST4G3235BJR Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce ST4G3235BJR
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235BJR Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button ST4G3235BJR Datasheet HTML 13Page - STMicroelectronics ST4G3235BJR Datasheet HTML 14Page - STMicroelectronics ST4G3235BJR Datasheet HTML 15Page - STMicroelectronics ST4G3235BJR Datasheet HTML 16Page - STMicroelectronics ST4G3235BJR Datasheet HTML 17Page - STMicroelectronics ST4G3235BJR Datasheet HTML 18Page - STMicroelectronics ST4G3235BJR Datasheet HTML 19Page - STMicroelectronics ST4G3235BJR Datasheet HTML 20Page - STMicroelectronics ST4G3235BJR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package mechanical data
ST4G3235
18/21
Figure 7.
Package dimension
Table 13. Flip-Chip11 Mechical data
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
0.585
0.65
0.715
23.0
25.6
28.1
A1
0.21
0.25
0.29
8.3
9.8
11.4
A2
0.40
15.7
b
0.265
0.315
0.365
10.4
12.4
14.4
D
1.99
2.04
2.09
78.3
80.3
82.3
D1
1.5
59.1
E
1.36
1.41
1.46
53.5
55.5
57.5
E1
0.866
34.1
eD
0.2
0.25
0.30
7.9
9.8
11.8
eE
0.383
0.433
0.483
15.1
17.0
19.0
fD
0.270
10.6
fE
0.272
10.7
ccc
0.080
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21