Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2044 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ST2044
Description  Current limited Power distribution switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2044 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ST2044 Datasheet HTML 5Page - STMicroelectronics ST2044 Datasheet HTML 6Page - STMicroelectronics ST2044 Datasheet HTML 7Page - STMicroelectronics ST2044 Datasheet HTML 8Page - STMicroelectronics ST2044 Datasheet HTML 9Page - STMicroelectronics ST2044 Datasheet HTML 10Page - STMicroelectronics ST2044 Datasheet HTML 11Page - STMicroelectronics ST2044 Datasheet HTML 12Page - STMicroelectronics ST2044 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ST2044
Package mechanical data
9/13
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13